Electronic Components Datasheet Search
  English  ▼

X  

BFQ67T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ67T
Description  NPN 8 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ67T Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ67T Datasheet HTML 1Page - NXP Semiconductors BFQ67T Datasheet HTML 2Page - NXP Semiconductors BFQ67T Datasheet HTML 3Page - NXP Semiconductors BFQ67T Datasheet HTML 4Page - NXP Semiconductors BFQ67T Datasheet HTML 5Page - NXP Semiconductors BFQ67T Datasheet HTML 6Page - NXP Semiconductors BFQ67T Datasheet HTML 7Page - NXP Semiconductors BFQ67T Datasheet HTML 8Page - NXP Semiconductors BFQ67T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Mar 06
2
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67T
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability
• SOT416 (SC-75) envelope.
APPLICATIONS
Wideband applications such as
satellite TV tuners and RF portable
communications equipment up to
2 GHz.
DESCRIPTION
NPN transistor in a plastic SOT416
(SC-75) package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
fpage
12
3
MBK090
Top view
Fig.1 SOT416.
Marking code: V2.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
10
V
IC
collector current (DC)
−−
50
mA
Ptot
total power dissipation
Ts ≤ 75 °C; note 1
−−
150
mW
hFE
DC current gain
IC = 15 mA; VCE =5V; Tj =25 °C 60
100
−
fT
transition frequency
IC = 15 mA; VCE = 8 V; f = 2 GHz;
Tamb =25 °C
−
8
−
GHz
GUM
maximum unilateral power gain
IC = 15 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
−
13
−
dB
F
noise figure
IC = 5 mA; VCE = 8 V; f = 1 GHz
−
1.3
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
50
mA
Ptot
total power dissipation
Ts ≤ 75 °C; note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com