Electronic Components Datasheet Search
  English  ▼

X  

BAL74 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BAL74
Description  High-speed diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAL74 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BAL74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAL74 Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2003 Dec 17
6
NXP Semiconductors
Product data sheet
High-speed diode
BAL74
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
Ω
IF
D.U.T.
R = 50
i
Ω
SAMPLING
OSCILLOSCOPE
MGA881
Fig.7 Reverse recovery time test circuit and waveforms.
(1) IR = 1 mA.
t r
t
t p
10%
90%
I
input
signal
R = 50
S
Ω
I
R = 50
i
Ω
OSCILLOSCOPE
Ω
1 k
Ω
450
D.U.T.
MGA882
V fr
t
output
signal
V
Fig.8 Forward recovery voltage test circuit and waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com