Electronic Components Datasheet Search
  English  ▼

X  

ICS98UAE877A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS98UAE877A
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS98UAE877A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS98UAE877A Datasheet HTML 9Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 10Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 11Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 12Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 13Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 14Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 15Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 16Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
COMMERCIAL TEMPERATURE GRADE
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
14
ICS98UAE877A
7181/3
VDDQ
GND
VIA
CARD
VIA
CARD
BEAD
0603
4.7uF
1206
0.1uF
0603
2200pF
0603
AVDD
AGND
PLL
1
Figure 11. AVDD Filtering
*Place the 2200pF capacitors close to the PLL.
*Use wide traces for PLL Analog power and GND. Connect PLL and caps to AGND trace and connect
trace to one GND via (farthest from PLL).
*Recommended bead: Fair-rite P/N 2506036017Y0 or equivalent (0.8
DC max., 600
at 100MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com