Electronic Components Datasheet Search
  English  ▼

X  

ICS98UAE877A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS98UAE877A
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS98UAE877A Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS98UAE877A Datasheet HTML 1Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 2Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 3Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 4Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 5Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 6Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 7Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 8Page - Renesas Technology Corp ICS98UAE877A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
COMMERCIAL TEMPERATURE GRADE
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2
ICS98UAE877A
7181/3
Block Diagram
FBOUTT
FBOUTC
FBIN_INT
FBIN_INC
PLL
CLK_INT
CLK_INC
POWER
DOWN
AND
TEST
MODE
LOGIC
LD
AVDD
OE
OS
LD or OE
LD, OS, or OE
PLL BYPASS
10K
-100K
CLKT0
CLKC0
CLKT1
CLKC1
CLKT2
CLKC2
CLKT3
CLKC3
CLKT4
CLKC4
CLKT5
CLKC5
CLKT6
CLKC6
CLKT7
CLKC7
CLKT8
CLKC8
CLKT9
CLKC9
(1)
NOTE:
1. The Logic Detect (LD) powers down the device
when a logic LOW is applied to both CLK_INT and
CLK_INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com