Electronic Components Datasheet Search
  English  ▼

X  

35618 Datasheet(PDF) 1 Page - Belden Inc.

Part # 35618
Description  Lead Wire, #18 Str TC, XLPO Ins, AWM 3173
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

35618 Datasheet(HTML) 1 Page - Belden Inc.

  35618 Datasheet HTML 1Page - Belden Inc. 35618 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 35618
Lead Wire, #18 Str TC, XLPO Ins, AWM 3173
Product Description
Rubber Lead Wire, 18AWG (16x30) Tinned Copper, XLPO Insulation, AWM 3173 CSA TYPE CL1251 600V 125C
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B) motor lead systems, internal wiring of appliances
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
18
16x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
XLP, XLPO, XLPE (Thermoset) 0.032 in (0.81 mm) 0.109 in (2.77 mm)
Overall Cable Diameter (Nominal):
0.109 in (2.77 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
6.5 Ohm/1000ft
Single conductor in free air @ 30ºC: 22 A
Voltage
UL Voltage Rating
600 V RMS
Mechanical Characteristics
Temperature
UL Temperature
125°C
Bend Radius
Stationary Min. Installation Min.
0.44 in (11 mm)
0.44 in (11 mm)
Max. Pull Tension:
20.8 lbs (9.43 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C) ~ 12 Hours @ 325°F (163°C) ~ 8 Hours @ 350°F (177°C)
Bulk Cable Weight:
10 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
AWM Compliance:
AWM 3173
CEC / C(UL) Compliance:
CL-1251


Similar Part No. - 35618

ManufacturerPart #DatasheetDescription
logo
MENDA
35618 MENDA-35618 Datasheet
26Kb / 1P
Prober, Nylon
2/03
More results

Similar Description - 35618

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35606 BELDEN-35606 Datasheet
149Kb / 2P
Lead Wire, #6 Str TC, XLPO Ins, AWM 3196
05-05-2023
35608 BELDEN-35608 Datasheet
149Kb / 2P
Lead Wire, #8 Str TC, XLPO Ins, AWM 3195
05-05-2023
35610 BELDEN-35610 Datasheet
154Kb / 2P
Lead Wire, #10 Str TC, XLPO Ins, AWM 3173
05-05-2023
35612 BELDEN-35612 Datasheet
153Kb / 2P
Lead Wire, #12 Str TC, XLPO Ins, AWM 3173
05-05-2023
35614 BELDEN-35614 Datasheet
154Kb / 2P
Lead Wire, #14 Str TC, XLPO Ins, AWM 3173
05-05-2023
35616 BELDEN-35616 Datasheet
152Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3173
01-20-2023
35620 BELDEN-35620 Datasheet
154Kb / 2P
Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35622 BELDEN-35622 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35716 BELDEN-35716 Datasheet
151Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3199
05-05-2023
35718 BELDEN-35718 Datasheet
154Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3199
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com