Electronic Components Datasheet Search
  English  ▼

X  

35618 Datasheet(PDF) 2 Page - Belden Inc.

Part # 35618
Description  Lead Wire, #18 Str TC, XLPO Ins, AWM 3173
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

35618 Datasheet(HTML) 2 Page - Belden Inc.

  35618 Datasheet HTML 1Page - Belden Inc. 35618 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
History
Update and Revision:
Revision Number: 0.462 Revision Date: 03-04-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
35618 010500
Black
Reel
500 ft
612825145233
35618 0105000 Black
Reel
5,000 ft 612825145240
35618 0135000 Blue, Dark
Reel
5,000 ft 612825145264
35618 0065000 Blue, Light
Reel
5,000 ft 612825145196
35618 0015000 Brown
Reel
5,000 ft 612825145127
35618 0085000 Gray
Reel
5,000 ft 612825145219
35618 0055000 Green, Dark Reel
5,000 ft 612825145189
35618 0035000 Orange
Reel
5,000 ft 612825145158
35618 0125000 Pink
Reel
5,000 ft 612825145257
35618 002500
Red
Reel
500 ft
612825145134
35618 0025000 Red
Reel
5,000 ft 612825145141
35618 0075000 Violet
Reel
5,000 ft 612825145202
35618 0095000 White
Reel
5,000 ft 612825145226
35618 004500
Yellow
Reel
500 ft
612825145165
35618 0045000 Yellow
Reel
5,000 ft 612825145172
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com