Electronic Components Datasheet Search
  English  ▼

X  

ICS552-02 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS552-02 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS552-02 Datasheet HTML 1Page - Renesas Technology Corp ICS552-02 Datasheet HTML 2Page - Renesas Technology Corp ICS552-02 Datasheet HTML 3Page - Renesas Technology Corp ICS552-02 Datasheet HTML 4Page - Renesas Technology Corp ICS552-02 Datasheet HTML 5Page - Renesas Technology Corp ICS552-02 Datasheet HTML 6Page - Renesas Technology Corp ICS552-02 Datasheet HTML 7Page - Renesas Technology Corp ICS552-02 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS552-02
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
CLOCK MUX AND BUFFER
IDT™ / ICS™ LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
3
ICS552-02
REV L 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS552-02. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=2.5 V ±5%, Ambient temperature -40 to +85 ° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7 V
SELA, OE, and all Outputs
-0.5 V to VDD+0.5 V
INA and INB
-0.5V to 5.5V
Ambient Operating Temperature
-40 to +85 ° C
Storage Temperature
-65 to +150 ° C
Junction Temperature
175 ° C
Soldering Temperature
260 ° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
–
+85
° C
Power Supply Voltage (measured in respect to GND)
+2.375
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, INA, INB
VIH
Note 1
VDD/2+0.5
5.5
V
Input Low Voltage, INA, INB
VIL
Note 1
VDD/2-0.5
V
Input High Voltage, OE, SELA
VIH
1.8
VDD
V
Input Low Voltage, OE, SELA
VIL
0.7
V
Output High Voltage
VOH
IOH = -16 mA
2
V
Output Low Voltage
VOL
IOL = 16 mA
0.4
V
Operating Supply Current
IDD
No load, 135 MHz
35
mA
Short Circuit Current
IOS
Each output
60
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com