Electronic Components Datasheet Search
  English  ▼

X  

ICS552-02 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS552-02 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS552-02 Datasheet HTML 1Page - Renesas Technology Corp ICS552-02 Datasheet HTML 2Page - Renesas Technology Corp ICS552-02 Datasheet HTML 3Page - Renesas Technology Corp ICS552-02 Datasheet HTML 4Page - Renesas Technology Corp ICS552-02 Datasheet HTML 5Page - Renesas Technology Corp ICS552-02 Datasheet HTML 6Page - Renesas Technology Corp ICS552-02 Datasheet HTML 7Page - Renesas Technology Corp ICS552-02 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS552-02
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
CLOCK MUX AND BUFFER
IDT™ / ICS™ LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
4
ICS552-02
REV L 051310
DC Electrical Characteristics (continued)
VDD=3.3 V ±5%, Ambient temperature -40 to +85 ° C, unless stated otherwise
VDD=5 V ±5%, Ambient temperature -40 to +85 ° C, unless stated otherwise
Note: 1. Nominal switching threshold is VDD/2
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage, INA, INB
VIH
Note 1
VDD/2+0.7
5.5
V
Input Low Voltage, INA, INB
VIL
Note 1
VDD/2-0.7
V
Input High Voltage, OE, SELA
VIH
2
VDD
V
Input Low Voltage, OE, SELA
VIL
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOH = 25 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -12 mA
VDD-0.4
V
Operating Supply Current
IDD
No load, 135 MHz
50
mA
Short Circuit Current
IOS
Each output
80
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.75
5.25
V
Input High Voltage, INA, INB
VIH
Note 1
VDD/2+1
5.5
V
Input Low Voltage, INA, INB
VIL
Note 1
VDD/2-1
V
Input High Voltage, OE, SELA
VIH
2
VDD
V
Input Low Voltage, OE, SELA
VIL
0.8
V
Output High Voltage
VOH
IOH = -35 mA
2.4
V
Output Low Voltage
VOL
IOL = 35 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -12 mA
VDD-0.4
V
Operating Supply Current
IDD
No load, 135 MHz
85
mA
Short Circuit Current
IOS
Each output
100
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com