Electronic Components Datasheet Search
  English  ▼

X  

ICS557-06 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS557-06
Description  2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-06 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS557-06 Datasheet HTML 1Page - Renesas Technology Corp ICS557-06 Datasheet HTML 2Page - Renesas Technology Corp ICS557-06 Datasheet HTML 3Page - Renesas Technology Corp ICS557-06 Datasheet HTML 4Page - Renesas Technology Corp ICS557-06 Datasheet HTML 5Page - Renesas Technology Corp ICS557-06 Datasheet HTML 6Page - Renesas Technology Corp ICS557-06 Datasheet HTML 7Page - Renesas Technology Corp ICS557-06 Datasheet HTML 8Page - Renesas Technology Corp ICS557-06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ICS557-06
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PCIE FAN OUT BUFFER
IDT® 2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
5
ICS557-06
REV M 070512
PCI-Express Layout Guidelines
PCI-Express Device Routing
Typical PCI-Express (HCSL) Waveform
Common Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
RS
33
ohm
RT
49.9
ohm
Differential Routing on a Single PCB
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
Differential Routing to a PCI Express Connector
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max
inch
R
S
R
S
R
T
R
T
PCI-Express
Load or
Connector
L1
L2
L3’
L4
L1’
L2’
L3
L4’
ICS557-06
Output
Clock
0.175 V
0.52 V
0.175 V
0.52 V
t
OR
t
OF
500 ps
500 ps
700 mV
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com