Electronic Components Datasheet Search
  English  ▼

X  

ICS557-06 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS557-06
Description  2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-06 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS557-06 Datasheet HTML 1Page - Renesas Technology Corp ICS557-06 Datasheet HTML 2Page - Renesas Technology Corp ICS557-06 Datasheet HTML 3Page - Renesas Technology Corp ICS557-06 Datasheet HTML 4Page - Renesas Technology Corp ICS557-06 Datasheet HTML 5Page - Renesas Technology Corp ICS557-06 Datasheet HTML 6Page - Renesas Technology Corp ICS557-06 Datasheet HTML 7Page - Renesas Technology Corp ICS557-06 Datasheet HTML 8Page - Renesas Technology Corp ICS557-06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
ICS557-06
IDT® 2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
1
ICS557-06
REV M 070512
Description
The ICS557-06 is a two to four differential clock mux
designed for use in PCI-Express applications. The device
selects one of the two differential HCSL input pairs and fans
out to four pairs of differential HCSL or LVDS outputs.
Features
• Packaged in 20-pin TSSOP
• Pb (lead) free packaging
• Operating voltage of 3.3 V
• Low power consumption
• Input differential clock of up to 200 MHz
• Jitter 60 ps (cycle-to-cycle)
• Output-to-output skew of 50 ps
• Available in industrial temperature range (-40 to +85°C)
• For PCIe Gen2/3 applications, see the 5V41067A
Block Diagram
VDD
CLKA
CLKA
Rr (IREF)
CLKB
CLKB
CLKC
CLKC
CLKD
CLKD
SEL
GND
IN1
IN1
IN2
IN2
MUX
2 to 1
OE
2
2
PD


Similar Part No. - ICS557-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
ONE TO FOUR HCSL CLOCK BUFFER
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
ICS557-06 IDT-ICS557-06 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
More results

Similar Description - ICS557-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com