Electronic Components Datasheet Search
  English  ▼

X  

ICS601-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS601-01
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS601-01 Datasheet HTML 1Page - Renesas Technology Corp ICS601-01 Datasheet HTML 2Page - Renesas Technology Corp ICS601-01 Datasheet HTML 3Page - Renesas Technology Corp ICS601-01 Datasheet HTML 4Page - Renesas Technology Corp ICS601-01 Datasheet HTML 5Page - Renesas Technology Corp ICS601-01 Datasheet HTML 6Page - Renesas Technology Corp ICS601-01 Datasheet HTML 7Page - Renesas Technology Corp ICS601-01 Datasheet HTML 8Page - Renesas Technology Corp ICS601-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS601-01
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE CLOCK MULTIPLIER
3
ICS601-01
REV N 051310
Achieving Low Phase Noise
Figure 1 shows a typical phase noise measurement in a 125 MHz system. Therea are a few simple steps that can
be taken to achieve these levels of phase noise from the ICS601-01. Variations in VDD will increase the hase noise,
so it is important to have a stable, low noise supply voltage at the device. Use decoupling capacitors of 0.1
µF in
parallel with 0.01
µF. It is important to have these capacitors as close as possible to the ICS601-01 supply pins.
Disabling the REFOUT clock is also important for achieving low phase noise; lab tests have shown that this can
reduce the phase noise by as much as 10 dBc/Hz.
External Component/Crystal Selection
The ICS601-01 requires a minimum number of external components for proper operation. Decoupling capacitors of
0.01
µF and 0.1µF should be connected between VDD and GND, as close to the part as possible. A series
termination resistor of 33
Ω may be used for each clock output. The crystal must be connected as close to the chip
as possible. The crystal should be fundamental mode, parallel resonant. Do not use third overtone. For exact tuning
when using a crystal, capacitors should beconnected from pins X1 to ground and X2 to ground. In general, the
value of these capacitors is given by the following equation, where CL is the crystal load capacitance: Crystal caps
(pF) = (CL - 5) x 2. So for a crystal with 16 pF load capacitance, two 22 pF caps can be used. For any given board
layout, ICS can measure the board capacitance and recommend the exact capacitance value to use.
Figure1. PhaseNoiseof ICS601-01for125MHzoutput, 25MHzcrystal input.
VDD=3.3V, REFOUTdisabled.
-140
-120
-100
-80
-60
-40
-20
0
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
Offset fromCarrier (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com