Electronic Components Datasheet Search
  English  ▼

X  

ICS601-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS601-01
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS601-01 Datasheet HTML 1Page - Renesas Technology Corp ICS601-01 Datasheet HTML 2Page - Renesas Technology Corp ICS601-01 Datasheet HTML 3Page - Renesas Technology Corp ICS601-01 Datasheet HTML 4Page - Renesas Technology Corp ICS601-01 Datasheet HTML 5Page - Renesas Technology Corp ICS601-01 Datasheet HTML 6Page - Renesas Technology Corp ICS601-01 Datasheet HTML 7Page - Renesas Technology Corp ICS601-01 Datasheet HTML 8Page - Renesas Technology Corp ICS601-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01
IDT™ / ICS™ LOW PHASE NOISE CLOCK MULTIPLIER
1
ICS601-01
REV N 051310
Description
The ICS601-01 is a low-cost, low phase noise,
high-performance clock synthesizer for applications
which require low phase noise and low jitter. It is IDT’s
lowest phase noise multiplier, and also the lowest
CMOS part in the industry. Using IDT’s patented
analog and digital Phase-Locked Loop (PLL)
techniques, the chip accepts a 10 - 27 MHz crystal or
clock input, and produces output clocks up to 156 MHz
at 3.3 V.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
For applications which require definted input to output
timing, use the ICS670-01.
Features
• Packaged in 16-pin SOIC or TSSOP
• Pb (lead) free package
• Uses fundamental 10 - 27 MHz crystal or clock
• Patented PLL with the lowest phase noise
• Output clocks up to 156 MHz at 3.3 V
• Low phase noise: -132 dBc/Hz at 10 kHz
• Low jitter - 18 ps one sigma typ.
• Full swing CMOS outputs with 25 mA drive capability
at TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature range available
• Operating voltage of 3.3V or 5V
Block Diagram
ROM Based
Multipliers
VCO
Divide
X1/ICLK
X2
Crystal or
clock input
Crystal
Oscillator
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
S3:0
GND
3
4
VDD
3
CLK
REFOUT
REFEN
OE


Similar Part No. - ICS601-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
More results

Similar Description - ICS601-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com