Electronic Components Datasheet Search
  English  ▼

X  

ICS671-03 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS671-03
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-03 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS671-03 Datasheet HTML 2Page - Renesas Technology Corp ICS671-03 Datasheet HTML 3Page - Renesas Technology Corp ICS671-03 Datasheet HTML 4Page - Renesas Technology Corp ICS671-03 Datasheet HTML 5Page - Renesas Technology Corp ICS671-03 Datasheet HTML 6Page - Renesas Technology Corp ICS671-03 Datasheet HTML 7Page - Renesas Technology Corp ICS671-03 Datasheet HTML 8Page - Renesas Technology Corp ICS671-03 Datasheet HTML 9Page - Renesas Technology Corp ICS671-03 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ICS671-03
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ZDB AND MULTIPLIER
IDT™ 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
6
ICS671-03
REV D 051310
AC Electrical Characteristics
CycleUnless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: With CLKIN = 100 MHz, FBIN to CLKA4, all outputs at 100 MHz.
Note 2: With VDD at a steady state, and valid clocks at CLKIN and FBIN.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
See table on page 2
10
133
MHz
Output Clock Frequency
See table on page 2
10
133
MHz
Output Rise Time
tR
20% to 80%, CL=30 pF
1.5
ns
Output Fall Time
tF
80% to 20%, CL=30 pF
1.25
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Device to Device Skew, equally loaded
Rising edges at VDD/2
700
ps
Output to Output Skew, equally loaded
Rising edges at VDD/2
200
ps
Input to Output Skew, FBIN to CLKA4,
S1=1, S0=1
Rising edges at VDD/2,
Note 1
±250
ps
Maximum Absolute Jitter
130
ps
Cycle to Cycle Jitter, 30 pF loads
300
ps
PLL Lock Time
Note 2
1.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com