Electronic Components Datasheet Search
  English  ▼

X  

ICS671-03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS671-03
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS671-03 Datasheet HTML 1Page - Renesas Technology Corp ICS671-03 Datasheet HTML 2Page - Renesas Technology Corp ICS671-03 Datasheet HTML 3Page - Renesas Technology Corp ICS671-03 Datasheet HTML 4Page - Renesas Technology Corp ICS671-03 Datasheet HTML 5Page - Renesas Technology Corp ICS671-03 Datasheet HTML 6Page - Renesas Technology Corp ICS671-03 Datasheet HTML 7Page - Renesas Technology Corp ICS671-03 Datasheet HTML 8Page - Renesas Technology Corp ICS671-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ICS671-03
IDT™ 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
1
ICS671-03
REV D 051310
Description
The ICS671-03 is a low phase noise, high speed PLL
based, 8 output, low skew zero delay buffer. Based on IDT’s
proprietary low jitter Phase Locked Loop (PLL) techniques,
the device provides eight low skew outputs at speeds up to
133 MHz at 3.3 V. The outputs can be generated from the
PLL (for zero delay), or directly from the input (for testing),
and can be set to tri-state mode or to stop at a low level. For
normal operation as a zero delay buffer, any output clock is
tied to the FBIN pin.
Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Eight low-skew (<200 ps) outputs
• Device-to-device skew <700 ps
• Low jitter (<200 ps)
• Full CMOS outputs with 25 mA output drive capability at
TTL levels
• 5 V tolerant FBIN and CLKIN pins
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• 3.3 V operating voltage
• Industrial temperature range of -40 to 85 °C
• RoHS compliant (Pb free) package
Block Diagram


Similar Part No. - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
More results

Similar Description - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 022505
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com