Electronic Components Datasheet Search
  English  ▼

X  

BFR53 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR53
Description  NPN 2 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR53 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR53 Datasheet HTML 1Page - NXP Semiconductors BFR53 Datasheet HTML 2Page - NXP Semiconductors BFR53 Datasheet HTML 3Page - NXP Semiconductors BFR53 Datasheet HTML 4Page - NXP Semiconductors BFR53 Datasheet HTML 5Page - NXP Semiconductors BFR53 Datasheet HTML 6Page - NXP Semiconductors BFR53 Datasheet HTML 7Page - NXP Semiconductors BFR53 Datasheet HTML 8Page - NXP Semiconductors BFR53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Oct 28
5
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFR53
Fig.6
Minimum noise figure as a function of
collector current; typical values.
VCE = 5 V; f = 500 MHz; GS = 20 mS; BS is tuned; Tamb =25 °C.
handbook, halfpage
MEA460
0
10
0
30
10
20
F
(dB)
5
40
I
(mA)
C
Fig.7 Circles of constant noise figure; typical values.
IC = 2 mA; VCE = 5 V; f = 500 MHz; Tamb =25 °C.
handbook, halfpage
020
40
80
0
MEA456
60
G
(mS)
S
B S
(mS)
100
50
−50
F = 5.5 dB
3.3
3.5
4.0
4.5
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com