Electronic Components Datasheet Search
  English  ▼

X  

BFR53 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFR53
Description  NPN 2 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR53 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFR53 Datasheet HTML 1Page - NXP Semiconductors BFR53 Datasheet HTML 2Page - NXP Semiconductors BFR53 Datasheet HTML 3Page - NXP Semiconductors BFR53 Datasheet HTML 4Page - NXP Semiconductors BFR53 Datasheet HTML 5Page - NXP Semiconductors BFR53 Datasheet HTML 6Page - NXP Semiconductors BFR53 Datasheet HTML 7Page - NXP Semiconductors BFR53 Datasheet HTML 8Page - NXP Semiconductors BFR53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Oct 28
4
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFR53
Fig.2
DC current gain as a function of collector
current; typical values.
VCE = 5 V; Tj =25 °C.
handbook, halfpage
I
(mA)
C
MEA458
0
100
80
60
50
50
100
FE
h
70
90
Fig.3
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
MEA457
016
2.0
0
1.6
20
1.2
0.4
C c
(pF)
VCB (V)
4
0.8
812
Fig.4
Transition frequency as a function of
collector current; typical values.
VCE = 5 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
I
(mA)
C
MEA459
0
2.2
1.8
1.4
1.0
50
T
f
(GHz)
25
Fig.5
Gain as a function of frequency;
typical values.
IC = 30 mA; VCE = 5 V; Tamb =25 °C.
handbook, halfpage
MEA455
0
20
30
10
2
10 3
10
4
10
f (MHz)
gain
(dB)
I S
I
12
2
G UM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com