Electronic Components Datasheet Search
  English  ▼

X  

54F32 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F32
Description  QUAD 2-INPUT OR GATE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F32 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F32 Datasheet HTML 1Page - National Semiconductor (TI) 54F32 Datasheet HTML 2Page - National Semiconductor (TI) 54F32 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MILITARY DATA SHEET
MN54F32-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Storage Temperature
-65 C to +150 C
Ambient Temperature under Bias
-55 C to +125 C
Junction Temperature under Bias
-55 C to +175 C
Vcc Pin Potential to Ground Pin
-0.5V to +7.0V
Input Voltage
(Note 2)
-0.5V to +7.0V
Input Current
(Note 2)
-30 mA to +5.0mA
Voltage Applied to Output in HIGH State (with Vcc=0V)
-0.5V to Vcc
Standard Output
-0.5V to +5.5V
TRI-STATE Output
Current Applied to Output in LOW State (Max)
twice the rated Iol(mA)
ESD Last Passing Voltage (Min)
4000V
Note 1:
Absolute Maximum ratings are those values beyond which the device may be damaged or
have its useful life impaired.
Functional operation under these condtions is not
implied.
Note 2:
Either voltage limit or current limit is sufficient to protect inputs.
Recommended Operating Conditions
Free Air Ambient Temperature
0 C to +70 C
Commercial
-55 C to +125 C
Military
Supply Voltage
+4.5V to +5.5V
Military
+4.5V to +5.5V
Commercial
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com