Electronic Components Datasheet Search
  English  ▼

X  

54F32 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F32
Description  QUAD 2-INPUT OR GATE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F32 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54F32 Datasheet HTML 1Page - National Semiconductor (TI) 54F32 Datasheet HTML 2Page - National Semiconductor (TI) 54F32 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MN54F32-X REV 1A0
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETER
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 4.5V to 5.5V, Temp range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
Input High
Current
VCC=5.5V, VM=2.7V, VINH=5.5V,
VINL=0.0V
1, 3 INPUTS
20
uA
1, 2,
3
IBVI
Input High
Current
VCC=5.5V, VM=7.0V, VINH=5.5V,
VINL=0.0V
1, 3 INPUTS
100
uA
1, 2,
3
IIL
Input LOW Current
VCC=5.5V, VM=0.5V, VINH=5.5V
1, 3 INPUTS
-0.6
mA
1, 2,
3
VOL
Output LOW
Voltage
VCC=4.5V, VIL=0.8V, IOL=20mA,
VINH=5.5V
1, 3 OUTPUTS
0.5
V
1, 2,
3
VOH
Output HIGH
Voltage
VCC=4.5V, VIH=2.0V, IOH=-1.0mA,
VINH=5.5V, VINL=0.0V
1, 3 OUTPUTS 2.5
V
1, 2,
3
IOS
Short-Circuit
Current
VCC=5.5V, VINH=5.5V, VM=0.0V
1, 3 OUTPUTS -60
-150
mA
1, 2,
3
VCD
Input Clamp Diode
Voltage
VCC=4.5V, IM=-18mA, VINH=5.5V
1, 3 INPUTS
-1.2
V
1, 2,
3
ICCH
Supply Current
VCC=5.5V, VINL=0.0V, VINH=5.5V
1, 3 VCC
9.2
mA
1, 2,
3
ICCL
Supply Current
VCC=5.5V, VINL=0.0V
1, 3 VCC
15.5
mA
1, 2,
3
ICEX
Output HIGH
Leakage Current
VCC=5.5V, VINL=0.0V, VINH=5.5V,
VM=5.5V
1, 3 OUTPUTS
250
uA
1, 2,
3
AC PARAMETER
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TR=2.5ns, TF=2.5ns
SEE AC FIGS
tpLH
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55/125C
2, 4 An/Bn
to On
3.0
5.6
ns
9
2, 4 An/Bn
to On
3.0
7.5
ns
10, 11
tpHL
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55/125C
2, 4 An/Bn
to On
3.0
5.3
ns
9
2, 4 An/Bn
to On
2.5
7.5
ns
10, 11
Note 1:
Screen tested 100% on each device at +25C, +125C & -55C temperature, subgroups A1, 2,
3, 7 & 8.
Note 2:
Screen tested 100% on each device at +25C temperature only, subgroup A9.
Note 3:
Sample tested (Method 5005, Table 1) on each MFG. lot at +25C, +125C & -55C
temperature, subgroups A1, 2, 3, 7 & 8.
Note 4:
Sample tested (Method 5005, Table 1) on each MFG. lot at +25C subgroup A9, and at
+125C & -55C temperature, subgroups 10 & 11.
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com