Electronic Components Datasheet Search
  English  ▼

X  

BFR540 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR540
Description  NPN 9 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR540 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR540 Datasheet HTML 1Page - NXP Semiconductors BFR540 Datasheet HTML 2Page - NXP Semiconductors BFR540 Datasheet HTML 3Page - NXP Semiconductors BFR540 Datasheet HTML 4Page - NXP Semiconductors BFR540 Datasheet HTML 5Page - NXP Semiconductors BFR540 Datasheet HTML 6Page - NXP Semiconductors BFR540 Datasheet HTML 7Page - NXP Semiconductors BFR540 Datasheet HTML 8Page - NXP Semiconductors BFR540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Aug 23
5
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR540
Fig.2 Power derating curve.
1/2 page (Datasheet)
22 mm
s
0
50
100
200
200
0
MEA398 - 1
150
T
( C)
o
Ptot
(mW)
400
600
Fig.3
DC current gain as a function of collector
current.
VCE = 8 V.
handbook, halfpage
0
MRA687
250
50
100
150
200
hFE
IC (mA)
10−1
10−2
1
10
102
Fig.4
Feedback capacitance as a function of
collector-base voltage.
IC = 0; f = 1 MHz.
handbook, halfpage
MRA688
1.0
0.8
0.6
0.4
0.2
0
04
8
12
Cre
(pF)
VCB (V)
Fig.5
Transition frequency as a function of
collector current.
Tamb =25 °C; f = 1 GHz.
handbook, halfpage
MRA689
fT
(GHz)
IC (mA)
12
8
4
0
10−1
110
102
VCE = 8V
VCE = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com