Electronic Components Datasheet Search
  English  ▼

X  

BFR540 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR540
Description  NPN 9 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR540 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR540 Datasheet HTML 1Page - NXP Semiconductors BFR540 Datasheet HTML 2Page - NXP Semiconductors BFR540 Datasheet HTML 3Page - NXP Semiconductors BFR540 Datasheet HTML 4Page - NXP Semiconductors BFR540 Datasheet HTML 5Page - NXP Semiconductors BFR540 Datasheet HTML 6Page - NXP Semiconductors BFR540 Datasheet HTML 7Page - NXP Semiconductors BFR540 Datasheet HTML 8Page - NXP Semiconductors BFR540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Aug 23
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR540
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability.
DESCRIPTION
The BFR540 is an npn silicon planar
epitaxial transistor, intended for
applications in the RF frontend in
wideband applications in the GHz
range, such as analog and digital
cellular telephones, cordless
telephones (CT1, CT2, DECT, etc.),
radar detectors, satellite TV tuners
(SATV), MATV/CATV amplifiers and
repeater amplifiers in fibre-optic
systems.
The transistor is encapsulated in a
plastic SOT23 envelope.
PINNING
PIN
DESCRIPTION
Code: N29
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
IC
DC collector current
−−
120
mA
Ptot
total power dissipation
up to Ts = 70 °C; note 1
−−
500
mW
hFE
DC current gain
IC = 40 mA; VCE = 8 V
60
120
250
Cre
feedback capacitance
IC =ic = 0; VCB = 8 V; f = 1 MHz
−
0.6
−
pF
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz
−
9
−
GHz
GUM
maximum unilateral
power gain
IC = 40 mA; VCE = 8 V;
Tamb = 25 °C; f = 900 MHz
−
14
−
dB
IC = 40 mA; VCE = 8 V;
Tamb = 25 °C; f = 2 GHz
−
7
−
dB
S212
insertion power gain
IC = 40 mA; VCE = 8 V;
Tamb = 25 °C; f = 900 MHz
12
13
−
dB
F
noise figure
Γ
s = Γopt;IC = 10 mA; VCE = 8 V;
Tamb =25 °C; f = 900 MHz
−
1.3
1.8
dB
Γs = Γopt;IC = 40 mA; VCE = 8 V;
Tamb =25 °C; f = 900 MHz
−
1.9
2.4
dB
Γ
s = Γopt;IC = 10 mA; VCE = 8 V;
Tamb =25 °C; f = 2 GHz
−
2.1
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com