Electronic Components Datasheet Search
  English  ▼

X  

BFR92 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR92
Description  NPN 5 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR92 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR92 Datasheet HTML 1Page - NXP Semiconductors BFR92 Datasheet HTML 2Page - NXP Semiconductors BFR92 Datasheet HTML 3Page - NXP Semiconductors BFR92 Datasheet HTML 4Page - NXP Semiconductors BFR92 Datasheet HTML 5Page - NXP Semiconductors BFR92 Datasheet HTML 6Page - NXP Semiconductors BFR92 Datasheet HTML 7Page - NXP Semiconductors BFR92 Datasheet HTML 8Page - NXP Semiconductors BFR92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92
Fig.6
Transition frequency as a function of
collector current.
VCE = 10 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
010
20
30
6
0
2
4
MEA444
I
(mA)
C
f T
(GHz)
Fig.7 Gain as a function of frequency.
IC = 14 mA; VCE = 10 V; Tamb =25 °C.
handbook, halfpage
MEA427
0
20
30
10
2
10 3
10
4
10
f (MHz)
gain
(dB)
G UM
I S
I
12
2
Fig.8
Minimum noise figure as a function of
frequency.
IC = 2 mA; VCE = 10 V; Tamb =25 °C; Zs = opt.
handbook, halfpage
4
2
1
0
10
MEA465
1
10
3
F
(dB)
–1
f (GHz)
5
6
Fig.9
Minimum noise figure as a function of
collector current.
VCE = 10 V; f = 500 MHz; Tamb =25 °C; Zs = opt.
handbook, halfpage
MEA424
020
5
0
1
2
3
4
510
15
F
(dB)
I C (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com