Electronic Components Datasheet Search
  English  ▼

X  

BFR92 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFR92
Description  NPN 5 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR92 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFR92 Datasheet HTML 2Page - NXP Semiconductors BFR92 Datasheet HTML 3Page - NXP Semiconductors BFR92 Datasheet HTML 4Page - NXP Semiconductors BFR92 Datasheet HTML 5Page - NXP Semiconductors BFR92 Datasheet HTML 6Page - NXP Semiconductors BFR92 Datasheet HTML 7Page - NXP Semiconductors BFR92 Datasheet HTML 8Page - NXP Semiconductors BFR92 Datasheet HTML 9Page - NXP Semiconductors BFR92 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
September 1995
8
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92
handbook, full pagewidth
MEA432
+ ϕ
− ϕ
0
°
30
°
60
°
90
°
120
°
150
°
180
°
150
°
120
°
90
°
60
°
30
°
0.10
0.05
200
500
800
1000 MHz
0.15
Fig.13 Common emitter reverse transmission coefficient (S12).
IC = 14 mA; VCE = 10 V; Tamb =25 °C.
handbook, full pagewidth
MEA430
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
500
∞
1
0.2
10
5
2
0.5
1000 MHz
800
200
Fig.14 Common emitter output reflection coefficient (S22).
IC = 14 mA; VCE = 10 V; Tamb =25 °C.
Zo =50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com