Electronic Components Datasheet Search
  English  ▼

X  

5B34 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B34
Description  Isolated Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B34 Datasheet(HTML) 3 Page - Analog Devices

  5B34 Datasheet HTML 1Page - Analog Devices 5B34 Datasheet HTML 2Page - Analog Devices 5B34 Datasheet HTML 3Page - Analog Devices 5B34 Datasheet HTML 4Page - Analog Devices 5B34 Datasheet HTML 5Page - Analog Devices 5B34 Datasheet HTML 6Page - Analog Devices 5B34 Datasheet HTML 7Page - Analog Devices 5B34 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B34
Rev. 0 | Page 3 of 8
5B34—SPECIFICATIONS
5B34 Models Available
Model
Input Range
Output Range
Accuracy
5B34-01
100
Ω Platinum,
= 0.00385*
-100°C to +100°C (-148°F to +212°F)
0 V to +5 V
±0.32°C
5B34-02
0°C to +100°C (+32°F to 212°F)
0 V to +5 V
±0.13°C
5B34-03
0°C to +200°C (+32°F to 392°F)
0 V to +5 V
±0.26°C
5B34-04
0°C to +600°C (+32°F to 1112°F)
0 V to +5 V
±0.78°C
5B34-C-01
10
Ω Copper,
= 0.004274
0°C to +120°C (10
Ω @ 0°C) (+32°F to +248°F)
0 V to +5 V
±0.23°C
5B34-C-02
0°C to +120°C (10
Ω @ 25°C)(+32°F to +248°F)
0 V to +5 V
±0.23°C
5B34-N-01
120
Ω Nickel, * = 0.00672
0°C to +300°C (+32°F to +572°F)
0 V to +5 V
±0.40°C
5B34-Custom
*
*
* Custom Input/Output ranges are available including versions for the 100
Ω Platinum RTD with
=0.003916.
Refer to configuration guide.
5B34 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 5B34
Input Ranges
Standard Ranges
Refer to Model Table
Custom Ranges
-200°C to +850°C (100
Ω Platinum)
-80°C to +320°C (120
Ω Nickel)
-100°C to +260°C (10
Ω Copper)
Output Range (RL > 50 kΩ)
0 V to +5 V
Accuracy2
Initial @ +25°C
±0.05% Span ±0.04
Ω * ±0.05 (Rz1)
Conformity Error3
±0.05% Span
Input Offset vs. Temperature
±0.02°C/°C
Output Offset vs. Temperature
±20 µV/°C
Gain vs. Temperature
±0.005% of Reading/°C
Input Bias Current
±3 nA
Input Resistance
Power On
5 M
Ω
Power Off
40 k
Ω
Overload
40 k
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms
Output, 100 kHz Bandwidth
200 µV rms
Bandwidth, -3 dB
4 Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com