Electronic Components Datasheet Search
  English  ▼

X  

BFR93 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFR93
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFR93 Datasheet HTML 3Page - NXP Semiconductors BFR93 Datasheet HTML 4Page - NXP Semiconductors BFR93 Datasheet HTML 5Page - NXP Semiconductors BFR93 Datasheet HTML 6Page - NXP Semiconductors BFR93 Datasheet HTML 7Page - NXP Semiconductors BFR93 Datasheet HTML 8Page - NXP Semiconductors BFR93 Datasheet HTML 9Page - NXP Semiconductors BFR93 Datasheet HTML 10Page - NXP Semiconductors BFR93 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Oct 29
7
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93
Fig.11 Common emitter input reflection coefficient (S11); typical values.
IC = 30 mA; VCE = 5 V; Zo =50 Ω; Tamb =25 °C.
handbook, full pagewidth
MEA420
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
800
200
∞
1
0.2
10
5
2
0.5
1000 MHz
500
Fig.12 Common emitter forward transmission coefficient (S21); typical values.
IC = 30 mA; VCE = 5 V; Tamb =25 °C.
handbook, full pagewidth
MEA422
ϕ
ϕ
0 o
30o
60o
90o
120o
150o
180 o
150o
120o
90o
60o
30o
10
20
200 MHz
500
800
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com