Electronic Components Datasheet Search
  English  ▼

X  

BFR93 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFR93
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFR93 Datasheet HTML 1Page - NXP Semiconductors BFR93 Datasheet HTML 2Page - NXP Semiconductors BFR93 Datasheet HTML 3Page - NXP Semiconductors BFR93 Datasheet HTML 4Page - NXP Semiconductors BFR93 Datasheet HTML 5Page - NXP Semiconductors BFR93 Datasheet HTML 6Page - NXP Semiconductors BFR93 Datasheet HTML 7Page - NXP Semiconductors BFR93 Datasheet HTML 8Page - NXP Semiconductors BFR93 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Oct 29
4
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93
Fig.2 Intermodulation distortion test circuit.
L2=L3=5
µH Ferroxcube choke, catalogue number
3122 108 20150.
L1 = 4 turns 0.35 mm copper wire; winding pitch 1 mm; internal
diameter 4 mm.
handbook, halfpage
MEA454
680 pF
240
L1
L2
680 pF
75
Ω
input
75
Ω
output
16
Ω
1.2 k
L3
390
560
680 pF
DUT
+24 V
Ω
Ω
Ω
Ω
Ω
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MBG246
150
P
tot
(mW)
T
s
(o C)
Fig.4
DC current gain as a function of
collector current; typical values.
VCE = 5 V; Tj =25 °C.
handbook, halfpage
010
20
30
120
0
40
80
MCD087
h FE
I
(mA)
C
Fig.5
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
04
8
16
1
0
0.8
MEA450
12
0.6
0.4
0.2
20
VCB (V)
Cc
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com