Electronic Components Datasheet Search
  English  ▼

X  

138AML Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix 138AML Datasheet HTML 10Page - Vishay Siliconix 138AML Datasheet HTML 11Page - Vishay Siliconix 138AML Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
110
Revision: 25-Oct-06
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
Fig.15 Typical impedance as a function of frequency
5
4
3
2
10
10
10
10
10
10 3
10 2
10
1
10 1
f (Hz)
Z
( )
Ω
1
2
3
4
7
5
6
8
Curve1:47µF, 63 V
Curve 2: 100 µF, 63 V
Curve 3: 100 µF, 50 V
Curve 4: 220 µF, 16 V
Curve 5: 470 µF, 16 V
Curve6:1000µF, 6.3 V
Curve7:1000µF, 10 V
Curve8:2200µF, 6.3 V
Case
∅ D x L = 8 x 18 to 10 x 25 mm
Tamb =20 °C
IMPEDANCE (Z)
Fig.16 Typical impedance as a function of frequency
Case
∅ DxL=10 x30to21x38 mm
10
10
2
10
3
10
45
f (Hz)
Z
( )
10 6
Ω
1
2
3
2
10
1
10
1
10
10 2
Curve1:680 µF,25V
Curve2:4700µF, 25 V
Curve3:6800µF, 25 V
Tamb =20°C
Fig.17 Typical impedance as a function of frequency
Case
∅ DxL=10 x30to 21 x 38 mm
10
10
2
10
3
10
45
f (Hz)
Z
( )
106
Ω
2
3
1
2
10
1
10
1
10
10 2
Curve1:680 µF,25V
Curve 2: 4700 µF, 25 V
Curve 3: 6800 µF, 25 V
Tamb =- 25 °C
Fig.18 Typical impedance as a function of frequency
Tamb =- 40 °C
10
10
2
10
3
10
4
5
f (Hz)
Z
( )
10 6
Ω
1
2
3
2
10
1
10
1
10
10 2
Curve 1:680 µF,25V
Curve 2: 4700 µF, 25 V
Curve 3: 6800 µF, 25 V
Case
∅ D x L= 10 x30to 21 x 38 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com