Electronic Components Datasheet Search
  English  ▼

X  

138AML Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 1 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
102
Revision: 25-Oct-06
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case,
insulated with a blue sleeve
(case
∅ 6.3 x 12.7 and 7.7 x 12.7 mm are
moulded with flame retardant plastic material)
• Mounting ring version not available in insulated form
• Taped versions up to
case
∅ 15 x 30 mm available for automatic insertion
• Charge and discharge proof
• Long useful life: 2000 to 10 000 hours at 105 °C,
high reliability
• High ripple current capability
• Miniaturized, high CV-product per unit volume
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Industrial, automotive, EDP and telecommunication
• Smoothing, filtering, buffering in SMPS; coupling,
decoupling, timing
• Portable and mobile equipment (small size, low mass)
• Stand-by applications
• Low mounting height boards, vibration and shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Upper category temperature (105 °C)
• Date code, in accordance with IEC 60062
• Code for factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
(not for case sizes L < 18 mm)
• Series number (138)
138 AML
021 ASM
118 AHT
longer
life
smaller
dimensions
139 CLL
SMD
120 ATC
Fig.1 Component outlines
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(
∅ D x L in mm)
6.3 x 12.7
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
1.0 to 15 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 to 100 V
Category temperature range
- 40 to + 105
°C
Endurance test at 105
°C
1000 hours
5000 hours
Useful life at 105
°C
2000 hours
10 000 hours
Useful life at 40
°C,
IR applied
1.3 x IR applied:
200 000 hours
1.8 x IR
applied:
500 000 hours
Shelf life at 0 V, 105
°C
500 hours
500 hours
Based on sectional
specification
IEC 60384-4/EN130 300
Climatic category IEC 60068
40/105/56
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
138AML VISHAY-138AML Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
138AML VISHAY-138AML Datasheet
245Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
27-Mar-2020
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
15-Oct-08
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
More results

Similar Description - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
15-Oct-08
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
Aluminum Capacitors Axial Long Life, DIN-Based
18-Apr-08
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
Aluminum Capacitors Axial Miniature, Long-Life
19-Sep-12
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
12-May-2021
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Aug-2022
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
27-Mar-2020
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
Aluminum Capacitors Axial Long-Life, DIN-Based
09-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com