Electronic Components Datasheet Search
  English  ▼

X  

MAX38913 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX38913
Description  4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38913 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX38913 Datasheet HTML 9Page - Analog Devices MAX38913 Datasheet HTML 10Page - Analog Devices MAX38913 Datasheet HTML 11Page - Analog Devices MAX38913 Datasheet HTML 12Page - Analog Devices MAX38913 Datasheet HTML 13Page - Analog Devices MAX38913 Datasheet HTML 14Page - Analog Devices MAX38913 Datasheet HTML 15Page - Analog Devices MAX38913 Datasheet HTML 16Page - Analog Devices MAX38913 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MAX38913
4µVRMS Ultra-Low-Noise 1A LDO with
Two-Level Output Voltage Selection
www.analog.com
Analog Devices | 13
Enable (EN)
The MAX38913 includes two enable inputs (EN1 and EN2). Pulling both enable pins low shuts the device down. In
shutdown, the output voltage is pulled to ground through a 6Ω active discharge circuit. In this mode, the device consumes
0.2µA of current from the input supply. When EN2 and EN1 are driven to logic-low and logic-high states respectively, the
device regulates to correspond to MODE 1 operation. If both EN2 and EN1 are driven to logic-high state, the device
regulates to correspond to MODE 2 operation. Once the EN2 and EN1 pins are set to logic-high and logic-low states,
respectively, the device transitions to the pass-through mode of operation. Resistor connected between RSEL1 to GND
determines the output regulation voltage in MODE 1 operation. Likewise, resistor at RSEL2 pin to GND determines the
output regulation voltage in MODE 2 operation. If device is factory-preprogrammed for Output voltages for Mode 1 and
Mode 2 operation then the RSEL1 and RSEL2 pin functionalities are disabled and they must be left floating. The enable
signals should be stable for at least 2µs for the MAX38913 to latch in an appropriate state. The enable signal states
should not be changed while the output voltage transitions.
Active Discharge
Once the MAX38913 is placed in the shutdown mode, the OUT pin is pulled to ground through a 6Ω active discharge circuit.
Power-OK (POK) and Power-on-Reset (PORB)
The power-OK (POK) function monitors the output voltage to indicate that it is in regulation. The POK pin is open-drain and requires
a pullup resistor to an external supply to properly report the device regulation status to other devices so it can be used for
sequencing. Check if the external pullup supply voltage results in a valid logic levels for the receiving device or devices. The range
of the pullup resistance is between 10kΩ and 200kΩ. Its lower limit comes from a pulldown strength of the POK transistor while
the higher limit is determined by maximum leakage current at the POK pin. The signal is low while the device is in shutdown.
The POK is driven low during startup. It gets released and pulled up once the output voltage reaches the POK rising threshold
(91% of the regulation target). If the output voltage sags to below the POK falling threshold during regulation, the POK signal is
driven low to indicate that the output voltage dropped out of regulation. During shutdown, the POK signal is driven low once the
output voltage crosses the POK falling threshold (88% of the regulation target). The POK signal is active during output voltage
transition.
PORB is an open-drain signal that indicates the output voltage has achieved stable regulation. The signal is used to keep the
system in reset until the regulation has been achieved for 10ms. This signal is low in shutdown. PORB requires a pullup resistor in
the range between 10kΩ and 200kΩ.
Protection
The MAX38913 is fully protected from an over-circuit condition by current-limiting and thermal-overload protection circuits.
If the output is shorted to GND, the output current is limited to 1.4A (typ) after the output capacitor discharges through the
shorting path. Under these conditions, the device quickly heats up. When the junction temperature reaches +165°C, the
thermal-protection circuit shuts the output device off. Once the device cools to +150°C, the regulator enables regulation
to be established. If the fault persists, the output cycles on and off as the junction temperature slews between +150°C
and +165°C. Continuously operating in the fault conditions or above a +125°C junction temperature is not recommended
since long-term reliability may be reduced. The MAX38913 provides reverse-current protection when the output voltage
is higher than the input. The MAX38913 includes a reverse voltage detector that trips when IN drops below OUT, shutting
off the regulator and opening the body diode connection to prevent any reverse current. Reverse current flows through
the body diode of the pass element and is undesired due to its impact on power dissipation and long-term reliability,
especially at higher current levels. Thermal protection can also be triggered when the device is exposed to excessive
heat in the system causing the die temperature to reach undesired levels.
Undervoltage Lockout (UVLO)
The MAX38913 undervoltage lockout (UVLO) circuit responds quickly to glitches at the input voltage and disables the output of
the device if the rail dips below the UVLO falling threshold. The local input capacitance prevents transient brownout conditions
in most applications. The device is ready once the input voltage exceeds the UVLO rising threshold during power-up. The
RSEL1 and RSEL2 values get acquired once VIN crosses its rising UVLO threshold.
During VIN power-up, the MAX38913 begins output-voltage soft-start after the input voltage crosses its UVLO rising threshold.
This assures proper VOUT ramp-up and transition to regulation. The VOUT soft-start rate should be kept at or slower than the
VIN slew rate to avoid entering dropout. In some situations, VIN transients can place the regulator into dropout. As VIN starts
climbing again and the device comes out of dropout, the output can overshoot. This condition is avoided by using an enable
signal or by increasing the soft-start time with larger CBYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com