Electronic Components Datasheet Search
  English  ▼

X  

MAX38913 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX38913
Description  4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38913 Datasheet(HTML) 2 Page - Analog Devices

  MAX38913 Datasheet HTML 1Page - Analog Devices MAX38913 Datasheet HTML 2Page - Analog Devices MAX38913 Datasheet HTML 3Page - Analog Devices MAX38913 Datasheet HTML 4Page - Analog Devices MAX38913 Datasheet HTML 5Page - Analog Devices MAX38913 Datasheet HTML 6Page - Analog Devices MAX38913 Datasheet HTML 7Page - Analog Devices MAX38913 Datasheet HTML 8Page - Analog Devices MAX38913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX38913
4µVRMS Ultra-Low-Noise 1A LDO with
Two-Level Output Voltage Selection
www.analog.com
Analog Devices | 2
Absolute Maximum Ratings
IN, OUT, OUTS to GND ....................................... -0.3V to +6V
BYP to GND.......................................................... -0.3V to +2V
EN1, EN2, POK, PORB to GND ........................... -0.3V to +6V
RSEL1, RSEL2 to GND ..............................-0.3V to VIN + 0.3V
Output Short-Circuit Duration.................................. Continuous
Continuous Power Dissipation (TA = +70°C).............................
WLP (derate 13.73mW/°C above +70°C) ................... 1096mW
TDFN (derate 24.4mW/
C above +70C)................ 1951.2mW
Operating Junction Temperature Range ........ -40°C to +125°C
Maximum Junction Temperature ...................................+150°C
Storage Temperature Range.......................... -65°C to +150°C
Lead Temperature (soldering, 10 seconds) ..................+300°C
Soldering Temperature (reflow).....................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
WLP
Package Code
N121E1+1
Outline Number
21-100500
Land Pattern Number
Refer to Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
72.82°C/W
Junction to Case (θJC)
N/A
TDFN
Package Code
T1433+2C
Outline Number
21-0137
Land Pattern Number
90-0063
Thermal Resistance, Single Layer Board:
Junction to Ambient (θJA)
54°C/W
Junction to Case (θJC)
8°C/W
Thermal Resistance, Four Layer Board:
Junction to Ambient (θJA)
41°C/W
Junction to Case (θJC)
8°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For
detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com