Electronic Components Datasheet Search
  English  ▼

X  

ICS1894-33 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS1894-33
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-33 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS1894-33 Datasheet HTML 6Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 7Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 8Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 9Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 10Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 11Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 12Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 13Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ICS1894-33
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
10
ICS1894-33
REV A 021612
Receive Error (RX_ER)
RX_ER is asserted for one or more REFIN periods to
indicate that an error (e.g. a coding error or any error that a
PHY is capable of detecting, and that may otherwise be
undetectable by the MAC sub-layer) was detected
somewhere in the frame presently being transferred from
the PHY. RX_ER transitions synchronously with respect to
REFIN. While CRS_DV is de-asserted, RX_ER has no
effect on the MAC.
Auto-MDI/MDIX Crossover
The ICS1894-33 includes the auto-MDI/MDIX crossover
feature. In a typical CAT 5 Ethernet installation the transmit
twisted pair signal pins of the RJ45 connector are crossed
over in the CAT 5 wiring to the partners receive twisted pair
signal pins and receive twisted pair to the partners transmit
twisted pair. This is usually accomplished in the wiring plant.
Hubs generally wire the RJ45 connector crossed to
accomplish the crossover. Two types of CAT 5 cables
(straight and crossed) are available to achieve the correct
connection. The Auto-MDI/MDIX feature automatically
corrects for miss-wired installations by automatically
swapping transmit and receive signal pairs at the PHY when
no link results. Auto-MDI/MDIX is automatic, but may be
disabled for test purposes by writing MDIO register 19 Bits
9:8 in the MDIO register. The Auto-MDI/MDIX function is
independent of Auto-Negotiation and preceeds
Auto-Negotiation when enabled.
Auto MDI/MDIX Table
Definitions:
straight
transmit = TP_AP & TP_AN
receive = TP_BP & TP_BN
cross
transmit = TP_BP & TP_BN
receive = TP_AP & TP_AN
AMDIX_EN (Pin 14) AMDIX enable pin with 20 kOhm
pull-up resistor
AMDIX_EN [19:9] MDIO register 19h bit 9
MDI_MODE [19:8] MDIO register 19h bit 8
AMDIX_EN
(pin 14)
AMDIX_EN
[Reg 19:9]
MDI_MODE
[Reg 19:8]
Tx/Rx MDI
Configuration
x
0
0
straight
x0
1
cross
0
1
x
straight
1
1
x
straight/cross (auto
select)
Default
1
1
0
straight/cross (auto
select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com