Electronic Components Datasheet Search
  English  ▼

X  

ICS8305I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8305I
Description  LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8305I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8305I Datasheet HTML 1Page - Renesas Technology Corp ICS8305I Datasheet HTML 2Page - Renesas Technology Corp ICS8305I Datasheet HTML 3Page - Renesas Technology Corp ICS8305I Datasheet HTML 4Page - Renesas Technology Corp ICS8305I Datasheet HTML 5Page - Renesas Technology Corp ICS8305I Datasheet HTML 6Page - Renesas Technology Corp ICS8305I Datasheet HTML 7Page - Renesas Technology Corp ICS8305I Datasheet HTML 8Page - Renesas Technology Corp ICS8305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
8305AGI
REV. B SEPTEMBER 17, 2012
3
ICS8305I
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
E
ON
E
_
K
L
CL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S3
Q
:
0
Q
10
0
K
L
C
_
S
O
M
C
V
LW
O
L
;
d
e
l
b
a
s
i
D
10
1
K
L
C
n
,
K
L
CW
O
L
;
d
e
l
b
a
s
i
D
11
0
K
L
C
_
S
O
M
C
V
Ld
e
l
b
a
n
E
11
1
K
L
C
n
,
K
L
Cd
e
l
b
a
n
E
0X
X
Z
i
H
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
_
K
L
C
r
e
t
f
A
:
E
T
O
N
.
1
e
r
u
g
i
F
n
i
n
w
o
h
s
s
a
FIGURE 1. CLK_EN TIMING DIAGRAM
Enabled
Disabled
nCLK
CLK,
LVCMOS_CLK
CLK_EN
Q0:Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com