Electronic Components Datasheet Search
  English  ▼

X  

ICS8305I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8305I
Description  LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8305I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8305I Datasheet HTML 1Page - Renesas Technology Corp ICS8305I Datasheet HTML 2Page - Renesas Technology Corp ICS8305I Datasheet HTML 3Page - Renesas Technology Corp ICS8305I Datasheet HTML 4Page - Renesas Technology Corp ICS8305I Datasheet HTML 5Page - Renesas Technology Corp ICS8305I Datasheet HTML 6Page - Renesas Technology Corp ICS8305I Datasheet HTML 7Page - Renesas Technology Corp ICS8305I Datasheet HTML 8Page - Renesas Technology Corp ICS8305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
8305AGI
REV. B SEPTEMBER 17, 2012
1
ICS8305I
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8305I is a low skew, 1-to-4, Differential/LVCMOS-to-
LVCMOS/LVTTL Fanout Buffer. The ICS8305I has selectable
clock inputs that accept either differential or single ended
input levels. The clock enable is internally synchronized to
eliminate runt pulses on the outputs during asynchronous
assertion/deassertion of the clock enable pin. Outputs are
forced LOW when the clock is disabled. A separate output
enable pin controls whether the outputs are in the active or
high impedance state.
Guaranteed output and part-to-part skew characteristics make
the ICS8305I ideal for those applications demanding well de-
fined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
GND
OE
VDD
CLK_EN
CLK
nCLK
CLK_SEL
LVCMOS_CLK
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Q0
VDDO
Q1
GND
Q2
VDDO
Q3
GND
ICS8305I
16-Lead TSSOP
4.4mm x 3.0mm x 0.92mm package body
G Package
Top View
FEATURES
• 4 LVCMOS/LVTTL outputs
• Selectable differential or LVCMOS/LVTTL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• LVCMOS_CLK supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 350MHz
• Output skew: 40ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Additive phase jitter, RMS: 0.04ps (typical)
• 3.3V core, 3.3V, 2.5V or 1.8V output operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
LVCMOS_CLK
CLK
nCLK
CLK_SEL
Q0
Q1
Q2
Q3
0
1
CLK_EN
OE
D
Q
LE
0
1


Similar Part No. - ICS8305I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305I IDT-ICS8305I Datasheet
212Kb / 16P
Maximum output frequency
logo
Renesas Technology Corp
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
More results

Similar Description - ICS8305I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305 ICST-ICS8305 Datasheet
213Kb / 16P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B FEBRUARY 26, 2004
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
ICS8305 IDT-ICS8305_14 Datasheet
428Kb / 17P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com