Electronic Components Datasheet Search
  English  ▼

X  

ICS871S1022 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS871S1022
Description  Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS871S1022 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS871S1022 Datasheet HTML 1Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 2Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 3Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 4Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 5Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 6Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 7Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 8Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ICS871S1022EK November 2, 2017
3
©2017 Integrated Device Technology, Inc.
ICS871S1022 Datasheet
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 17
VDD
Power
Core supply pins.
2
CLK
Input
Pulldown
Non-inverting differential clock input.
3
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
4VDD_XTAL
Power
Crystal oscillator supply pin.
5,
6
XTAL_IN,
XTAL_OUT
Input
Parallel resonant crystal interface. XTAL_OUT is the output, XTAL_IN is the
input. XTAL_IN is also the overdrive pin if you want to overdrive the crystal
circuit with a single-ended or differential reference clock.
7
CLK_SEL
Input
Pullup
Input source control pin and device operation control pin. See Table 3C.
LVCMOS/LVTTL interface levels.
8, 12, 20, 28
GND
Power
Power supply ground.
9, 16, 25, 32
VDDO
Power
Output power supply pins.
10, 11
QB0, nQB0
Output
Differential output pair. HCSL interface levels.
13
OEB
Input
Pullup
Output enable pin for QB, nQB[0:1] pins. When HIGH, the outputs are active.
When LOW, the outputs are in high-impedance state. See Table 3A.
LVCMOS/LVTTL interface levels.
14,15
QB1, nQB1
Output
Differential output pair. HCSL interface levels.
18, 19
N1, N0
Input
Pulldown
Output divider control pins. See Table 3D for additional information.
LVCMOS/LVTTL interface levels.
21
VDDA
Power
Analog supply pin.
22
SSC_EN
Input
Pulldown
SSC enable pin. See Table 3B. LVCMOS/LVTTL interface levels.
23
PLL_SEL
Input
Pullup
PLL Bypass control pin. LVCMOS/LVTTL interface levels.
24
IREF
Output
HCSL current reference resistor output. An external fixed precision resistor
(475
) from this pin to ground provides a reference current used for
differential current-mode Qx, nQx clock outputs.
26, 27
nQA1, QA1
Output
Differential output pair. HCSL interface levels.
29
OEA
Input
Pullup
Output enable pin for QA, nQA[0:1] pins. When HIGH, the outputs are active.
When LOW, the outputs are in a high-impedance state. See Table 3A.
LVCMOS/LVTTL interface levels.
30, 31
nQA0, QA0
Output
Differential output pair. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
5pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com