Electronic Components Datasheet Search
  English  ▼

X  

ICS871S1022 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS871S1022
Description  Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS871S1022 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS871S1022 Datasheet HTML 1Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 2Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 3Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 4Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 5Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 6Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 7Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 8Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
ICS871S1022EK November 2, 2017
1
©2017 Integrated Device Technology, Inc.
Differential-to-0.7V Differential PCI Express™
Jitter Attenuator
ICS871S1022
Description
IDT’s PLL-based clock generators offer sub-picosecond jitter,
low-skew clock outputs, and edge rates that meet the ever-growing
demands of today’s networking solutions.
The ICS871S1022 is a PLL-based clock generator specifically
designed for PCI Express Clock Generation applications. The device
generates 100MHz, 125MHz, 250MHz or 500MHz from either a
25MHz fundamental mode crystal or a 100MHz recovered clock.
The ICS871S1022 has two modes of operation: (1) high frequency
jitter attenuator and (2) high performance clock synthesizer mode.
When in jitter attenuator mode, the ICS871S1022 is able to both
suppress high frequency noise components and function as a
frequency translator. Designed to receive a jittery and noisy clock
from an external source, the ICS871S1022 uses FemtoClock®
technology to clean up the incoming clock and translate the
frequency to one of the four common PCI Express frequencies.
When in synthesizer mode, the device is able to generate high
performance SSC and non-SSC clocks from a low cost external,
25MHz, fundamental mode crystal.
The ICS871S1022 uses FemtoClock® technology to generate low
noise clock outputs capable of providing the seed frequencies for the
common PCI Express link rates.
Features
• Four 0.7V differential output pairs
• One differential clock input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL
• Crystal oscillator interface designed for 25MHz, 18pF parallel
resonant crystal
• RMS phase jitter at 100MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.608ps (typical)
• High frequency jitter attenuator mode has high PLL bandwidth
which allows for better input tracking
• Supports PCI Express Spread-Spectrum Clocking
• PCI Express Gen 1, 2 and 3 jitter compliant
• 3.3V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Pin Assignment
32-Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View


Similar Part No. - ICS871S1022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS871004AGI-04 IDT-ICS871004AGI-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04LF IDT-ICS871004AGI-04LF Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04LFT IDT-ICS871004AGI-04LFT Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04T IDT-ICS871004AGI-04T Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - ICS871S1022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com