Electronic Components Datasheet Search
  English  ▼

X  

BFT45 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT45
Description  PNP high-voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT45 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT45 Datasheet HTML 1Page - NXP Semiconductors BFT45 Datasheet HTML 2Page - NXP Semiconductors BFT45 Datasheet HTML 3Page - NXP Semiconductors BFT45 Datasheet HTML 4Page - NXP Semiconductors BFT45 Datasheet HTML 5Page - NXP Semiconductors BFT45 Datasheet HTML 6Page - NXP Semiconductors BFT45 Datasheet HTML 7Page - NXP Semiconductors BFT45 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 18
2
Philips Semiconductors
Product specification
PNP high-voltage transistor
BFT45
FEATURES
• Low current (max. 500 mA)
• High voltage (max. 250 V).
APPLICATIONS
• High voltage switching and amplification
• Industrial and telephone applications.
DESCRIPTION
PNP high-voltage transistor in a TO-39 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM334
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−−250
V
VCEO
collector-emitter voltage
open base
−−−250
V
ICM
peak collector current
−−−1A
Ptot
total power dissipation
Tcase ≤ 50 °C
−−
5W
hFE
DC current gain
IC = −10 mA; VCE = −10 V
50
−
150
Cc
collector capacitance
IE =ie = 0; VCE = −20 V; f = 1 MHz
−−
15
pF
fT
transition frequency
IC = −15 mA; VCE = −10 V; f = 100 MHz
−
70
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com