Electronic Components Datasheet Search
  English  ▼

X  

PCSR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # PCSR
Description  Molded Precision Current Sensing Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

PCSR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  PCSR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD PCSR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TCR
±15ppm/
°C (-55~125°C,+20°C Ref), Tightest tolerance ±0.1%
Excellent long-term stabilityLow thermal EMF
AEC-Q200 qualified
1W
PCSR
10mΩ~100mΩ
2512
±0.1%
±0.5%
±1%
±5%
-65°C~+170°C
Example,PCSR2512BR010M9 ( PCSR 2512 ±0.1% 10mΩ ±15ppm/℃ Standard ) 
2
5
1
2
P
C
S
R
PCSR
R015=15mΩ
R020=20mΩ
R050=50mΩ
R100=100mΩ
R010=10mΩ
D=±0.5%
F=±1%
J=±5%
B=±0.1%
M=±15ppm/°C
2512
Introduction
B
R
0
1
0
M
9
Application
● Precision Instrument
● Semiconductor ATE
● Battery test equipment
● Precision power supply
TCR
L
D
H
W
This series is made from a precision Nickel-Chrome alloy and which is then
precisely machined and welded using exclusive EB-Welding equipment designed
and manufactured independently by C&B Group. PCSR series is molded version
which can achieve ultra-low TCR within ±15 ppm/°C and high tolerance up to
±0.1%. With an operating temperature range of -65°C to +170°C, the series is
ideal for current sensing circuits which ask for high precision and low TCR at the
same time. Visit www.resistor.today to check stock and more information.
Specifications (mm)
Series
Size
Rated Power
Resistance range
Tolerance
Operating temp
Packaging
tape&reel
4000pcs/reel
Material
Nickel-
Chrome
Part Number Information
Series
Size
Code
9=Standard
Tolerance
Resistance
TCR
Molded Precision Current Sensing Resistor
Dimensions
b
a
c
Recommend solder pad
L
6.40±0.2
H
D
W
3.2±0.2
0.8±0.1
0.8±0.2
≤±15ppm/°C
(-55°C~+125°C,+20°C Ref)
a
3.6±0.1
b
c
2.0±0.1
3.6±0.1
PCSR
Datasheet no. E05014
Ver V0
Date 2022/7/28
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
No.:
E16009Version:
V1
Date:
2022/11/26
6=Unmarked


Similar Part No. - PCSR

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
Chip Type, LongLife Assurance
logo
Bourns Electronic Solut...
PCS BOURNS-PCS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
logo
Electrolube
PCS ELECTROLUBE-PCS Datasheet
156Kb / 1P
Peelable Coating Mask - Synthetic
March 2017
More results

Similar Description - PCSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSS1206 ETC2-CSS1206 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
EKI-2728-BE ETC2-EKI-2728-BE Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
Chip Current Sensing Precision Resistor
logo
C&B ELECTRONICS (SHENZH...
EBWK2512 RESI-EBWK2512 Datasheet
689Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PCSK RESI-PCSK Datasheet
1Mb / 2P
Molded Precision Current Sensing Resistor
2023/02/14
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com