Electronic Components Datasheet Search
  English  ▼

X  

PCSR Datasheet(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # PCSR
Description  Molded Precision Current Sensing Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

PCSR Datasheet(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  PCSR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD PCSR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCSR2512JR010M9
PCSR2512JR015M9
PCSR2512JR020M9
PCSR2512JR050M9
PCSR2512JR100M9
PCSR2512FR010M9
PCSR2512FR015M9
PCSR2512FR020M9
PCSR2512FR050M9
PCSR2512FR100M9
PCSR2512DR010M9
PCSR2512DR015M9
PCSR2512DR020M9
PCSR2512DR050M9
PCSR2512DR100M9
PCSR2512BR010M9
PCSR2512BR015M9
PCSR2512BR020M9
PCSR2512BR050M9
PCSR2512BR100M9
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
2512
±5%
±5%
±5%
±5%
±5%
±1%
±1%
±1%
±1%
±1%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
10mΩ
15mΩ
20mΩ
50mΩ
100mΩ
10mΩ
15mΩ
20mΩ
50mΩ
100mΩ
10mΩ
15mΩ
20mΩ
50mΩ
100mΩ
10mΩ
15mΩ
20mΩ
50mΩ
100mΩ
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
±15ppm/°C
Popular Part Number
TCR
Tolerance
Resistance
Size
Part Number
( P100°CRated temp.)
Stability<0.5%
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
175
150
125
100
75
50
25
0
-25
-50
-75
0
20
40
60
80
100
120
°C
0
7
1
°C
0
7
°C
5
6
-
Derating curve(Ambient temp.)
Ambient temperature°C
Terminal temperature°C
Stability<1.0%
( P70℃ Rated temp.)
Derating curve(Terminal temp.)
Datasheet no. E05014
Ver V0
Date 2022/7/28
No.:
E16009Version:
V1
Date:
2022/11/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
Molded Precision Current Sensing Resistor
PCSR
Performance
MIL-STD-202 Method 108
MIL-STD-202 Method 106
MIL-STD-202 Method 108
J-STD-202
MIL-STD-202 Method 210
MIL-STD-202 Method 201
MIL-STD-202 Method 103
Test ltem
T=24h/cycle,no load,7a and 7b not required,measured 24±2h after test
Short-time overload
High temp. storage
Moisture resistance
Load life
Resistance to soldering heat
High temp. & high humidity
Thermal shock
Solderability
Test Method
Standard
5x rated power for 5s,measured 24±2h after test
+170°C,1000h,no load,measured 24±2h after test
+70°C,2000h,rated power,measured 24±2h after test
+260°C±5°C,10s±1s,measured 24±2h after test
+85°C,85%RH,10% of rated power,1000h,measured 24±2h after test
+235°C±5°C,2s±0.5s
95% coverd
-55°C~+125°C,1000 cycles,measured 24±2h after test
JESD22 Method JA-104
±0.1%
±0.2%
±0.02%
±0.2%
±0.05%
±0.1%
±0.05%
±0.3%
±0.5%
±0.05%
±0.5%
±0.3%
±0.5%
±0.3%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com