Electronic Components Datasheet Search
  English  ▼

X  

BFT93W Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BFT93W
Description  PNP 4 GHz wideband transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT93W Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BFT93W Datasheet HTML 8Page - NXP Semiconductors BFT93W Datasheet HTML 9Page - NXP Semiconductors BFT93W Datasheet HTML 10Page - NXP Semiconductors BFT93W Datasheet HTML 11Page - NXP Semiconductors BFT93W Datasheet HTML 12Page - NXP Semiconductors BFT93W Datasheet HTML 13Page - NXP Semiconductors BFT93W Datasheet HTML 14Page - NXP Semiconductors BFT93W Datasheet HTML 15Page - NXP Semiconductors BFT93W Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
March 1994
12
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT93W
Table 3 Common emitter scattering parameters: VCE = −5 V; IC = −10 mA.
Table 4 Noise data: VCE = −5 V; IC = −10 mA.
f
(MHz)
s11
s21
s12
s22
GUM
(dB)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.608
−31.5
18.195
160.2
0.020
75.6
0.900
−18.0
34.4
100
0.571
−72.1
15.044
138.8
0.041
60.6
0.725
−38.4
28.5
200
0.538
−114.5
10.475
117.4
0.059
51.1
0.490
−56.6
23.1
300
0.531
−136.1
7.676
106.0
0.070
49.3
0.360
−66.3
19.7
400
0.531
−149.0
5.989
98.6
0.079
50.2
0.287
−73.0
17.4
500
0.532
−157.3
4.907
93.2
0.088
51.8
0.245
−77.9
15.5
600
0.534
−163.6
4.161
88.9
0.097
53.8
0.221
−81.4
14.1
700
0.533
−168.6
3.613
85.1
0.106
55.4
0.204
−83.2
12.8
800
0.532
−172.9
3.195
81.8
0.116
56.9
0.192
−84.2
11.7
900
0.534
−176.8
2.866
78.8
0.125
58.1
0.179
−84.5
10.7
1000
0.535
179.7
2.603
76.2
0.135
59.3
0.167
−85.3
9.9
1200
0.545
173.7
2.206
71.2
0.153
61.0
0.145
−90.1
8.5
1400
0.557
169.2
1.931
66.6
0.172
62.0
0.140
−98.7
7.4
1600
0.561
165.5
1.724
62.2
0.191
62.3
0.149
−104.6
6.5
1800
0.563
161.2
1.570
58.5
0.208
62.7
0.154
−106.3
5.7
2000
0.574
156.6
1.447
55.2
0.227
63.2
0.150
−109.4
5.0
2200
0.593
153.0
1.343
52.4
0.244
63.7
0.148
−117.9
4.5
2400
0.612
150.6
1.251
49.2
0.260
64.0
0.165
−127.5
4.1
2600
0.620
148.8
1.171
46.3
0.274
63.5
0.192
−131.8
3.6
2800
0.616
146.0
1.122
43.2
0.290
63.3
0.213
−132.1
3.3
3000
0.618
142.3
1.074
40.7
0.309
63.2
0.223
−133.3
2.9
f
(MHz)
Fmin
(dB)
Γ
opt
Rn
(ratio)
(deg)
500
2.40
0.304
94.7
0.430
1000
2.90
0.321
136.9
0.270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com