Electronic Components Datasheet Search
  English  ▼

X  

BFT93W Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BFT93W
Description  PNP 4 GHz wideband transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT93W Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BFT93W Datasheet HTML 9Page - NXP Semiconductors BFT93W Datasheet HTML 10Page - NXP Semiconductors BFT93W Datasheet HTML 11Page - NXP Semiconductors BFT93W Datasheet HTML 12Page - NXP Semiconductors BFT93W Datasheet HTML 13Page - NXP Semiconductors BFT93W Datasheet HTML 14Page - NXP Semiconductors BFT93W Datasheet HTML 15Page - NXP Semiconductors BFT93W Datasheet HTML 16Page - NXP Semiconductors BFT93W Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
March 1994
13
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT93W
Table 5 Common emitter scattering parameters: VCE = −5 V; IC = −20 mA.
Table 6 Noise data: VCE = −5 V; IC = −20 mA.
f
(MHz)
s11
s21
s12
s22
GUM
(dB)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.450
−49.1
25.274
154.6
0.018
72.5
0.830
−24.1
34.1
100
0.475
−99.1
18.682
130.2
0.034
59.2
0.608
−47.9
28.5
200
0.502
−135.9
11.661
110.7
0.047
54.5
0.379
−67.2
23.3
300
0.516
−151.8
8.244
101.0
0.058
55.6
0.270
−77.9
20.0
400
0.526
−161.1
6.342
94.7
0.068
58.1
0.215
−86.1
17.7
500
0.530
−167.1
5.156
90.2
0.079
60.1
0.185
−92.5
15.8
600
0.534
−171.9
4.350
86.3
0.089
61.9
0.169
−96.7
14.4
700
0.535
−175.7
3.768
83.0
0.101
63.2
0.157
−98.7
13.1
800
0.536
−179.1
3.326
80.1
0.112
64.0
0.147
−99.8
12.0
900
0.538
177.7
2.980
77.3
0.123
64.8
0.137
−100.5
11.1
1000
0.541
174.9
2.703
74.9
0.134
65.4
0.127
−101.9
10.2
1200
0.554
169.8
2.285
70.3
0.154
66.2
0.111
−109.1
8.8
1400
0.566
166.1
1.995
65.9
0.175
66.6
0.112
−118.8
7.7
1600
0.571
162.6
1.777
61.7
0.195
66.0
0.125
−122.9
6.8
1800
0.573
158.8
1.616
58.2
0.214
66.0
0.130
−123.1
6.0
2000
0.585
154.4
1.488
55.0
0.234
66.1
0.127
−126.2
5.3
2200
0.604
151.0
1.380
52.4
0.252
66.2
0.130
−135.1
4.8
2400
0.624
148.8
1.285
49.4
0.268
66.2
0.152
−143.0
4.4
2600
0.633
147.1
1.200
46.6
0.282
65.5
0.180
−144.7
3.9
2800
0.626
144.3
1.148
43.5
0.299
65.0
0.199
−143.3
3.5
3000
0.629
140.8
1.100
41.0
0.319
64.7
0.208
−143.7
3.2
f
(MHz)
Fmin
(dB)
Γ
opt
Rn
(ratio)
(deg)
500
2.80
0.301
100.8
0.610
1000
3.60
0.356
152.2
0.280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com