Electronic Components Datasheet Search
  English  ▼

X  

709089 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 709089
Description  HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

709089 Datasheet(HTML) 2 Page - Renesas Technology Corp

  709089 Datasheet HTML 1Page - Renesas Technology Corp 709089 Datasheet HTML 2Page - Renesas Technology Corp 709089 Datasheet HTML 3Page - Renesas Technology Corp 709089 Datasheet HTML 4Page - Renesas Technology Corp 709089 Datasheet HTML 5Page - Renesas Technology Corp 709089 Datasheet HTML 6Page - Renesas Technology Corp 709089 Datasheet HTML 7Page - Renesas Technology Corp 709089 Datasheet HTML 8Page - Renesas Technology Corp 709089 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
6.42
709089/79S/L
High-Speed 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
TheIDT709089/79isahigh-speed64/32Kx8bitsynchronous Dual-
Port RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneousaccessofanyaddressfrombothports.Registersoncontrol,
data,andaddressinputsprovideminimalsetupandholdtimes.Thetiming
latitudeprovidedbythisapproachallowssystemstobedesignedwithvery
shortcycletimes.
Pin Configuration(1,2,3)
NOTES:
1. A15X is a NC for IDT709079.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
Withaninputdataregister,theIDT709089/79hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by CE0and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using CMOS high-performance technology, these
devices typically operate on only 950mW of power.
Index
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
709089/79(5)
PN100
3242 drw 02
NC
NC
I/O6R
I/O5R
I/O4R
I/O3R
VCC
I/O2R
I/O0R
GND
VCC
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O3L
I/O1R
I/O7R
GND
NC
NC
NC
NC
A6R
A5R
A4R
A3R
A2R
A1R
A0R
CNTENR
CLKR
ADSR
ADSL
CLKL
CNTENL
A0L
GND
A2L
A3L
A5L
A6L
NC
NC
A1L
A4L
I/O7L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com