Electronic Components Datasheet Search
  English  ▼

X  

709169 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 709169
Description  HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

709169 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 709169 Datasheet HTML 7Page - Renesas Technology Corp 709169 Datasheet HTML 8Page - Renesas Technology Corp 709169 Datasheet HTML 9Page - Renesas Technology Corp 709169 Datasheet HTML 10Page - Renesas Technology Corp 709169 Datasheet HTML 11Page - Renesas Technology Corp 709169 Datasheet HTML 12Page - Renesas Technology Corp 709169 Datasheet HTML 13Page - Renesas Technology Corp 709169 Datasheet HTML 14Page - Renesas Technology Corp 709169 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
6.42
IDT709169/59L
High-Speed 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
Timing Waveform of Pipelined Read-to-Write-to-Read (OE = VIL)(3)
Timing Waveform of Pipelined Read-to-Write-to-Read (OE Controlled)(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals.
3. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. "NOP" is "No Operation".
4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only.
5. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
R/
W
ADDRESS
An
An +1
An + 2
An + 2
An + 3
An + 4
DATAIN
Dn + 2
5653 drw 11
Qn
Qn + 3
DATAOUT
tCD2
tCKHZ
tCKLZ
tCD2
tSW tHW
tSA
tHA
READ
NOP
READ
tSD tHD
(4)
(2)
(1)
(1)
tSW tHW
WRITE
(5)
CE0
CLK
CE1
tSC tHC
tCH2
tCL2
tCYC2
R/
W
ADDRESS
An
An +1
An + 2
An + 3
An + 4
An + 5
DATAIN
Dn + 3
Dn + 2
5653 drw 12
DATAOUT
Qn
Qn + 4
OE
tCKLZ
(1)
tCD2
tOHZ
(1)
tCD2
tSD
tHD
READ
WRITE
READ
tSW tHW
tSA
tHA
(4)
(2)
tSW tHW
CE0
CLK
CE1
tCH2
tCL2
tCYC2
tSC
tHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com