Electronic Components Datasheet Search
  English  ▼

X  

709169 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 709169
Description  HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

709169 Datasheet(HTML) 2 Page - Renesas Technology Corp

  709169 Datasheet HTML 1Page - Renesas Technology Corp 709169 Datasheet HTML 2Page - Renesas Technology Corp 709169 Datasheet HTML 3Page - Renesas Technology Corp 709169 Datasheet HTML 4Page - Renesas Technology Corp 709169 Datasheet HTML 5Page - Renesas Technology Corp 709169 Datasheet HTML 6Page - Renesas Technology Corp 709169 Datasheet HTML 7Page - Renesas Technology Corp 709169 Datasheet HTML 8Page - Renesas Technology Corp 709169 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT709169/59L
High-Speed 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 9796 9594 93 92 91 9089 8887 86 85 8483 82 81 80 79 78 7776
100-Pin TQFP
Top View(6)
NC
NC
A7L
A8L
A9L
A10L
A11L
A12L
A13L(1)
NC
NC
NC
VCC
NC
NC
NC
CE0L
NC
CE1L
CNTRSTL
R/
WL
OEL
FT/PIPEL
NC
NC
5653 drw 02
NC
NC
A7R
A8R
A9R
A10R
A11R
A12R
A13R(1)
NC
NC
GND
NC
NC
NC
NC
OER
FT/PIPER
GND
NC
NC
CE0R
CE1R
CNTRSTR
R/
WR
.
709169/59PF
PN100-1(5)
06/28/02
Description
TheIDT709169/59isahigh-speed16/8Kx9bitsynchronousDual-
Port RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneous access of any address from both ports. Registers on
control, data, and address inputs provide minimal setup and hold
times. The timing latitude provided by this approach allows systems
to be designed with very short cycle times.
Withaninputdataregister,theIDT709169/59hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by CE0and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using IDT’s CMOS high-performance technology,
these devices typically operate on only 925mW of power.
NOTES:
1. A13 is a NC for IDT709159.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground supply.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3,4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com