Electronic Components Datasheet Search
  English  ▼

X  

83056 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 83056
Description  6:1, Single-Ended Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83056 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 83056 Datasheet HTML 3Page - Renesas Technology Corp 83056 Datasheet HTML 4Page - Renesas Technology Corp 83056 Datasheet HTML 5Page - Renesas Technology Corp 83056 Datasheet HTML 6Page - Renesas Technology Corp 83056 Datasheet HTML 7Page - Renesas Technology Corp 83056 Datasheet HTML 8Page - Renesas Technology Corp 83056 Datasheet HTML 9Page - Renesas Technology Corp 83056 Datasheet HTML 10Page - Renesas Technology Corp 83056 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
83056 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 10, 2016
7
ADDITIVE PHASE JITTER
Additive Phase Jitter @ 155.52MHz
(12kHz to 20MHz) = 0.19ps typical
The spectral purity in a band at a specific offset from the fundamental
compared to the power of the fundamental is called the dBc Phase
Noise. This value is normally expressed using a Phase noise plot
and is most often the specified plot in many applications. Phase
noise is defined as the ratio of the noise power present in a 1Hz
band at a specified offset from the fundamental frequency to the
power value of the fundamental. This ratio is expressed in decibels
(dBm) or a ratio of the power in the 1Hz band to the power in the
As with most timing specifications, phase noise measurements have
issues.The primary issue relates to the limitations of the equipment.
Often the noise floor of the equipment is higher than the noise floor
of the device. This is illustrated above. The device meets the noise
fundamental. When the required offset is specified, the phase noise
is called a dBc value, which simply means dBm at a specified offset
from the fundamental. By investigating jitter in the frequency domain,
we get a better understanding of its effects on the desired application
over the entire time record of the signal. It is mathematically possible
to calculate an expected bit error rate given a phase noise plot.
floor of what is shown, but can actually be lower. The phase noise
is dependant on the input source and measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com