Electronic Components Datasheet Search
  English  ▼

X  

83056 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 83056
Description  6:1, Single-Ended Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83056 Datasheet(HTML) 1 Page - Renesas Technology Corp

  83056 Datasheet HTML 1Page - Renesas Technology Corp 83056 Datasheet HTML 2Page - Renesas Technology Corp 83056 Datasheet HTML 3Page - Renesas Technology Corp 83056 Datasheet HTML 4Page - Renesas Technology Corp 83056 Datasheet HTML 5Page - Renesas Technology Corp 83056 Datasheet HTML 6Page - Renesas Technology Corp 83056 Datasheet HTML 7Page - Renesas Technology Corp 83056 Datasheet HTML 8Page - Renesas Technology Corp 83056 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6:1, Single-Ended Multiplexer
83056
Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 10, 2016
1
GENERAL DESCRIPTION
The 83056 is a lo w skew, 6:1, Single-ended Multi-
plexer from IDT. The 83056 has six selectable single-
ended clock inputs and one single-ended clock output. The
output has a V
DDO
pin which may be set at 3.3V, 2.5V, or
1.8V, making the device ideal for use in voltage transla-
tion applications. An output enable pin places the output in
a high impedance state which may be useful for testing or
debug purposes. The device operates up to 250MHz and is pack-
aged in a 16 TSSOP package.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6:1 single-ended multiplexer
• Q nominal output impedance: 7
Ω (V
DDO
= 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), V
DD
= V
DDO
= 3.3V
• Input skew: 225ps (maximum), V
DD
= V
DDO
= 3.3V
• Part-to-part skew: 475ps (maximum), V
DD
= V
DDO
= 3.3V
• Additive phase jitter, RMS: 0.19ps (typical), 3.3V/3.3V
• Operating supply modes:
V
DD
/V
DDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
83056
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm package body
G Package
Top View
CLK0
CLK1
CLK2
CLK3
CLK4
CLK5
SEL2
SEL1
SEL0
OE
Q


Similar Part No. - 83056

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83056 IDT-83056 Datasheet
167Kb / 15P
Maximum output frequency
83056 IDT-83056 Datasheet
151Kb / 15P
6:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
83056AGI ICST-83056AGI Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Renesas Technology Corp
83056AGI-01 RENESAS-83056AGI-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
83056AGI-01LF RENESAS-83056AGI-01LF Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results

Similar Description - 83056

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
8:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83056 IDT-83056_16 Datasheet
151Kb / 15P
6:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83058I RENESAS-83058I Datasheet
363Kb / 15P
8:1, Single-Ended Multiplexer
December 15, 2015
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com