Electronic Components Datasheet Search
  English  ▼

X  

85356 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 85356
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356 Datasheet(HTML) 4 Page - Renesas Technology Corp

  85356 Datasheet HTML 1Page - Renesas Technology Corp 85356 Datasheet HTML 2Page - Renesas Technology Corp 85356 Datasheet HTML 3Page - Renesas Technology Corp 85356 Datasheet HTML 4Page - Renesas Technology Corp 85356 Datasheet HTML 5Page - Renesas Technology Corp 85356 Datasheet HTML 6Page - Renesas Technology Corp 85356 Datasheet HTML 7Page - Renesas Technology Corp 85356 Datasheet HTML 8Page - Renesas Technology Corp 85356 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev C 1/5/15
4
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
85356 DATA SHEET
Table 4C. Differential DC Characteristics, VCC = 3.3V±0.3V; VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V
NOTE 2: Common mode voltage is defined as VIH.
Table 4D. LVPECL DC Characteristics, VCC = 3.3V±0.3V; VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
 to V
CC – 2V.
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = 3.3V±0.3V; VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions
NOTE: All parameters measured at ƒ
 622MHz, unless otherwise noted.
NOTE: This part does not add measurable jitter.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: This parameter is defined according with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input
High Current
CLK0A, CLK0B,
CLK1A, CLK1B
VCC = VIN = 3.6V
150
µA
nCLK0A, nCLK0B,
nCLK1A, nCLK1B
VCC = VIN = 3.6V
5
µA
IIL
Input
Low Current
CLK0A, CLK0B,
CLK1A, CLK1B
VCC = 3.6V, VIN = 0V
-5
µA
nCLK0A, nCLK0B,
nCLK1A, nCLK1B
VCC = 3.6V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.0
V
VCMR
Common Mode Range; NOTE 1, 2
VEE + 0.5
VCC – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
900
MHz
tPD
Propagation Delay; NOTE 1
ƒ
 900MHz
0.85
1.15
1.45
ns
tsk(o)
Output Skew; NOTE 2, 3
75
150
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
580
ps
tODC
Output Duty Cycle Skew
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com