Electronic Components Datasheet Search
  English  ▼

X  

85356 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 85356
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356 Datasheet(HTML) 5 Page - Renesas Technology Corp

  85356 Datasheet HTML 1Page - Renesas Technology Corp 85356 Datasheet HTML 2Page - Renesas Technology Corp 85356 Datasheet HTML 3Page - Renesas Technology Corp 85356 Datasheet HTML 4Page - Renesas Technology Corp 85356 Datasheet HTML 5Page - Renesas Technology Corp 85356 Datasheet HTML 6Page - Renesas Technology Corp 85356 Datasheet HTML 7Page - Renesas Technology Corp 85356 Datasheet HTML 8Page - Renesas Technology Corp 85356 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
5
Rev C 1/5/15
85356 DATA SHEET
Parameter Measurement Information
LVPECL Output Load AC Test Circuit
Output Skew
Propagation Delay
Differential Input Level
Output Rise/Fall Time
Output Duty Cycle Skew
SCOPE
Qx
nQx
V
EE
VCC
2V
-1.3V ± 0.3V
nQx
nQx
nQy
nQy
t
PD
nQ0, nQ1
Q0, Q1
nCLKxA,
nCLKxB
CLKxA,
CLKxB
V
CMR
Cross Points
V
PP
VCC
VEE
nCLKxA,
nCLKxB
CLKxA,
CLKxB
nQ0, nQ1
Q0, Q1
tp
LH
tp
HL
tsk(odc) =
⎥ tp
LH - tpHL⎥
nQ0, nQ1
Q0, Q1
nCLKxA,
nCLKxB
CLKxA,
CLKxB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com