Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-18 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9148-18
Description  Pentium/ProTM System Clock Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-18 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9148-18 Datasheet HTML 5Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 9Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 10Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 11Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 12Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ICS9148-18
General Layout Precautions:
1) Use a ground plane on the top layer
of the PCB in all areas not used by
traces.
2) Make all power traces and vias as
wide as possible to lower inductance.
Notes:
1 All clock outputs should have series
terminating resistor. Not shown in all
places to improve readibility of
diagram
2 Optional EMI capacitor should be
used on all CPU, SDRAM, and PCI
outputs.
3 Optional crystal load capacitors are
recommended.
Capacitor Values:
C1, C2 : Crystal load values determined by user
C3 : 100pF ceramic
All unmarked capacitors are 0.01µF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com