Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-18 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9148-18
Description  Pentium/ProTM System Clock Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-18 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9148-18 Datasheet HTML 1Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 2Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 3Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 4Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 5Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-18 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS9148-18
Pin Descriptions
Select Functions
(Functionality determined by FS0 and SEL100/66# pin, see below)
Notes:
1. TCLK is a test clock driven on the X1 (crystal in pin) input during test mode.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
6
20
F
E
RT
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
8
21
D
N
GR
W
Ps
t
u
p
t
u
o
F
E
R
r
o
f
d
n
u
o
r
G
11
XN
I
d
a
o
l
F
p
3
3
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
N
I
_
L
A
T
X
2
X
m
o
r
f
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
p
a
c
22
XT
U
OF
p
3
3
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
t
u
o
l
a
t
s
y
r
C
T
U
O
_
L
A
T
X
2
1
,
32
D
N
GR
W
Ps
t
u
p
t
u
o
I
C
P
r
o
f
d
n
u
o
r
G
4F
_
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
I
C
P
g
n
i
n
n
u
R
e
e
r
F
1
1
,
0
1
,
8
,
7
,
5)
4
:
0
(
K
L
C
I
C
PT
U
OV
3
.
3
e
l
b
i
t
a
p
m
o
c
L
T
T
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
9
,
62
D
D
VR
W
PV
3
.
3
y
l
l
a
n
i
m
o
n
,
s
t
u
p
t
u
o
K
L
C
I
C
P
r
o
f
r
e
w
o
P
1
2
,
3
1D
D
VR
W
PV
3
.
3
y
l
l
a
n
i
m
o
n
,
e
r
o
c
r
o
f
r
e
w
o
p
d
e
t
a
l
o
s
I
0
2
,
4
1D
N
GR
W
Pe
r
o
c
r
o
f
d
n
u
o
r
g
d
e
t
a
l
o
s
I
5
1#
6
.
6
6
/
0
0
1
L
E
SN
I
z
H
M
6
.
6
6
r
o
z
H
M
0
0
1
g
n
i
l
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
s
u
o
n
o
r
h
c
n
y
s
s
y
a
w
l
a
I
C
P
(
z
H
M
6
.
6
6
=
L
,
z
H
M
0
0
1
=
H
)
z
H
M
3
.
3
3
6
10
S
FN
In
i
p
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
7
1#
D
PN
Iw
o
l
e
v
i
t
c
a
,
p
i
h
c
n
w
o
d
s
r
e
w
o
P
8
1#
P
O
T
S
_
U
P
CN
Iw
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
U
P
C
s
t
l
a
H
9
1#
P
O
T
S
_
I
C
PN
Iw
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
u
B
I
C
P
s
t
l
a
H
5
2L
D
D
VR
W
PV
5
.
2
y
l
l
a
n
i
m
o
n
,
s
t
u
p
t
u
o
U
P
C
r
o
f
r
e
w
o
P
2
2L
D
N
GR
W
P.
s
t
u
p
t
u
o
U
P
C
r
o
f
d
n
u
o
r
G
4
2
,
3
2)
0
:
1
(
K
L
C
U
P
CT
U
OV
5
.
2
@
s
t
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
7
21
D
D
VR
W
P.
s
t
u
p
t
u
o
F
E
R
r
o
f
r
e
w
o
P
y
t
i
l
a
n
o
i
t
c
n
u
FK
L
C
U
P
C
,
I
C
P
F
_
I
C
P
0
F
E
R
e
t
a
t
s
i
r
TZ
-
I
HZ
-
I
HZ
-
I
H
e
d
o
m
t
s
e
T2
/
K
L
C
T
1
6
/
K
L
C
T
1
K
L
C
T
1
L
E
S
#
6
6
/
0
0
1
0
S
Fn
o
i
t
c
n
u
F
00
e
t
a
t
S
-
i
r
T
0-
)
d
e
v
r
e
s
e
R
(
0-
)
d
e
v
r
e
s
e
R
(
01
3
.
3
3
,
U
P
C
z
H
M
6
.
6
6
e
v
i
t
c
A
I
C
P
10
e
d
o
M
t
s
e
T
1-
)
d
e
v
r
e
s
e
R
(
1-
)
d
e
v
r
e
s
e
R
(
11
3
.
3
3
,
U
P
C
z
H
M
0
0
1
e
v
i
t
c
A
I
C
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com