Electronic Components Datasheet Search
  English  ▼

X  

ICS9169-01 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9169-01 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9169-01 Datasheet HTML 3Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 4Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 5Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 6Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 7Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 8Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 9Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 10Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ICS9169-01
Ordering Information
ICS9169M-01
Example:
ICS XXXX M-PPP
Package Type
M = SOIC
Device Type (consists of 3 or 4-digit numbers)
Prefix
ICS, AV=Standard Device
Pattern Number (2 or 3-digit number for parts with ROM code pattern)
LEAD COUNT
28L
DIMENSION L
0.704
L ± 0.008
0.296 ± 0.005
0.047R
0.029 Typ.
0.018
0.406 ± 0.010
0.015
x 45˚
.0.328 ± 0.010
5˚ Typ.
5˚ Typ. ± 5
0.101
± 0.010
0.092
± 0.005
0.041
± 0.003
0.020
0.010
0.050
Pitch typ.
0.008
± 0.006
SOIC Package
SOIC Package
Pin 1
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com