Electronic Components Datasheet Search
  English  ▼

X  

ICS9169-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9169-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9169-01 Datasheet HTML 1Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 2Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 3Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 4Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 5Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 6Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 7Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 8Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
Features
XTAL OSC
BCLK(0:5)
PCLK(0:3)
OEN
REF(0:2)
48 MHz
SYNC
REG
PLL
CLOCK
GEN
PLL
CLOCK
GEN
X2
X1
FS0
FS1
Block Diagram
Pentium is a trademark of Intel Corporation
PowerPC is a trademark of Motorola Corporation
Frequency Generator and Integrated Buffers for Intel Pentium
and Pentium ProTM
µµ
µµ
µP's
ICS9169-01
The ICS9169-01 generates all clocks required for high speed
RISC or CISC microprocessor systems such as 486, Pentium/
Pentium Pro™, PowerPC™, etc. Four different reference
frequency multiplying factors are externally selectable with
smooth frequency transitions. These multiplying factors can
be customized for specific applications.Atest mode is provided
to drive all clocks directly.
High drive BCLK outputs typically provide greater than 1V/
ns slew rate into 30pF loads. PCLK outputs typically provide
better than 1V/ns slew rate into 20pF loads while maintaining
50±5% duty cycle. The REF clock outputs typically provide
better than 0.5V/ns slew rates.
•
Generates four processor, six bus, three 14.318 MHz
and one 48 MHz clock for ISA bus, audio, super I/O
and bus bridge devices
•
Supports the Intel MARS chip set
•
Synchronous clocks skew matched to 250ps window on
PCLKs and 500ps window on BCLKs
•
Test clock mode eases system design
•
Selectable multiplying ratios
•
Custom configurations available
•
Output frequency ranges to 100 MHz (depending on
option)
•
3.0V - 5.5 V supply range
•
28-pin SOIC and 28-pin SSOP (209-mil) packages
Applications
•
Ideal for high-speed RISC or CISC systems such as 486,
Pentium, Pentium Pro, PowerPC, etc.


Similar Part No. - ICS9169-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
logo
Integrated Circuit Syst...
ICS9169AM-70 ICST-ICS9169AM-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
More results

Similar Description - ICS9169-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
RevE 08/28/98
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com